PART |
Description |
Maker |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5384BBC-5REEL7 AD5384BBC-3REEL7 AD5384BBCZ-5 AD5 |
40-Channel, 3 V/5 V Single Supply,14-Bit, Serial Voltage-Output DAC; Package: CSPBGA (10x10x1.35); No of Pins: 100; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100 40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
ST72C314N2T1 ST72C314N4T6 ST72314N4B3 ST72314J2T1 |
IC-ST7 MICROCONTROLLER 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES 8位单电压闪存ADC6位定时器,SPI和脊髓损伤界面微控制 Indicator Lamp; Supply Voltage:14VDC; Lamp Base Type:Wire Leads; Color:Green; Current Rating:100mA; Mounting Hole Dia:12.7mm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8位单电压闪存,ADC6位定时器,SPI和脊髓损伤界面微控制
|
http:// STMicroelectronics N.V.
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
ST72C215G2B6 ST72C215G2M6_TR ST72C215G2M6 ST72254G |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI,
|
STMicroelectronics
|
MX29LV640TXBI-90 MX29LV640TXBI-12 MX29LV640BXBI-12 |
64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PBGA63 64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
5962F9670703VRC 5962F9670703VXC 5962F9670704VRC |
Low-Cost, Voltage-Output, 16-Bit DACs in µMAX Single 8-bit Bus Transceiver 位总线收发
|
Intersil, Corp.
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
IS80LV52-24PLI IS80LV52-24WI IS80LV52-24PQ IS80LV5 |
CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PDIP40 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution, Inc.
|
P6KE39 P6KE39A P6KE33 P6KE P6KE200 P6KE7.5A P6KE6. |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W TRANSIENT VOLTAGE SUPPRESSORS DIODE 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 瞬态抑制二极管 Dual 8-Bit Parity Generator/Checker 24-PDIP -40 to 85 瞬态抑制二极管 Replaced by CC1100 : Single-Chip RF Transceiver 48-LQFP 瞬态抑制二极管
|
Jinan Gude Electronic D... Jinan Gude Electronic Devic... Microsemi Shanghai Sunrise Electronics JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
|